Part Number Hot Search : 
RM732LC4 AVR1010 D1N4148 EDZ20B FZT853TA 2SK3892 1206L150 CX373T
Product Description
Full Text Search
 

To Download 2SC4877 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SC4877
Silicon NPN Triple Diffused
Application
TV / character display horizontal deflection output
TO-3PFM
Features
* High breakdown voltage VCES = 1500 V * Built-in damper diode type * Isolated package TO-3PFM
1. Base 2. Collector 3. Emitter
1
2 3 2
1
3
Absolute Maximum Ratings (Ta = 25C)
Item Collector to emitter voltage Emitter to base voltage Collector current Collector surge current Collector power dissipation Junction temperature Storage temperature C to E diode forward current Note: 1. Value at TC = 25C. Symbol VCES VEBO IC ic(surge) PC*1 Tj Tstg ID Rating 1500 6 8 20 50 150 -55 to +150 8 Unit V V A A W C C A
-------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- --------------------------------------------------------------------------------------
2SC4877
Electrical Characteristics (Ta = 25C)
Item Emitter to base breakdown voltage Collector cutoff current DC current transfer ratio Collector to emitter saturation voltage Base to emitter saturation voltage C to E diode forward voltage Fall time Symbol V(BR)EBO ICES hFE VCE(sat) VBE(sat) VECF tf Min 6 Typ -- Max -- Unit V Test Conditions IE = 400 mA, IC = 0 VCE = 1500 V, RBE = 0 VCE = 5 V, IC = 1 A IC = 7 A, IB = 1.4 A IC = 7 A, IB = 1.4 A IF = 8 A ICP = 7 A, IB1 = 1.4 A IB2 -2.5 A, fH = 31.5 kHz
-------------------------------------------------------------------------------------- --------------------------------------------------------------------------------------
-- -- -- -- -- -- 500 25 5 A -- V
-------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- --------------------------------------------------------------------------------------
-- -- 1.5 V
--------------------------------------------------------------------------------------
-- -- -- -- 3.0 0.5 V s
-------------------------------------------------------------------------------------- --------------------------------------------------------------------------------------
Maximum Collector Power Dissipation Curve Pc (W) 80 I C (A) 20
Area of Safe Operation (100 V, 20 A) f = 15.75 kHz Ta = 25 C
Collector Power Dissipation
60
16
For picture tube arcing
40
Collector Current
12
8 (800 V, 4 A) 0.5 mA
20
4
0
50 100 Case Temperature
150 Tc (C)
200
0
800 1200 1600 2000 400 Collector to Emitter Voltage V CE (V)
2SC4877
Typical Output Characteristics
10 I C (A) 100 h FE
Pc = 50 W
DC Current Transfer Ratio vs. Collector Current
DC Current Transfer Ratio
2 A .8 A 1 1.6 A 1.4 A 1.2 A 1.0 A 0.8 A
50 75C 20 10 5 2 1 0.1 V CE = 5 V 0.2 0.5 1 Collector Current 2 5 I C (A) 10 Tc = -25C 25C
Collector Current
0.6 A
5
0.4 A
0.2 A
Tc = 25 C 0
IB = 0
5 10 Collector to Emitter Voltage V CE (V)
Collector to Emitter Saturation Voltage vs. Collector Current
Collector to Emitter Saturation Voltage V CE(sat) (V) 5
Base to Emitter Saturation Voltage vs. Collector Current
10 Base to Emitter Saturetion Voltage V BE(sat) (V)
IC / I B = 5
5 2 Tc = -25 C 1 0.5 0.2 I C / IB = 5 0.1 0.2 0.5 1 2 5 Collector Current I C (A) 10 25 C
2 1 0.5 0.2 75 C 0.1 0.2 0.5 1 2 5 Collector Current I C (A) 10
25 C Tc = -25 C
75 C
0.05 0.1
2SC4877
Collector to Emitter Saturation Voltage vs. Base Current
Collector to Emitter Saturation Voltage V CE(sat) (V) 10 Tc = 25 C
5
IC = 4 A
6A
8A
0 0.1
0.2
0.5 1 Base Current
2 5 I B (A)
10


▲Up To Search▲   

 
Price & Availability of 2SC4877

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X